|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE15040-ECG thru NTE15048-ECG NTE15049AC & NTE15050AC Surge Arresters (Gas Filled) DC Breakdown Voltage NTE Type No. 15040-ECG 15041-ECG 15042-EGC 15043-ECG 15044-ECG 15045-ECG 15046-ECG 15047-ECG 15048-ECG 15049AC 15050AC Diag. No. 628 628 628 628 628 628 628 628 628 628 628 Nominal Voltage (VDC) 75 90 110 145 230 300 350 470 600 120VAC 240VAC Minimum Volts 60 72 88 116 195 255 297 400 510 225 425 Maximum Volts 90 108 132 174 265 345 403 540 690 - - Impulse Breakdown @ (100V/ms) Maximum Voltage 400 400 450 500 600 700 750 850 1000 700 800 Maximum Capacitance Between Electronics @ 1MHz (pF) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 SPECIFICATIONS Surge Life 10A 10/1000s Pulse . . . . . . . . . . . . . . . . . . . . 2500 Operations 500A 10/1000s Pulse . . . . . . . . . . . . . . . . . . . 1000 Operations AC Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 Operartions Surge Current 8/20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20kA AC Current 10 Operations 60Hz for 1sec., with 3 min. Intervals . . . . . . 20 AC Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 AC Current 11 Cycles 60Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A AC Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10A Insulation Resistance 100 VDC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10,000 Megohms Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65 to +125C Response Time (Typical) . . . . . . . . . . . . . . . . . . . . . . . . . . . . < 100ns TYPICAL CIRCUIT APPLICATIONS Application CATV Protected Equipment Trunk Amplifier Cable Extender, Splitter Grounding Block, Converter Box, 30 & 60 VAC Power Supply AC Line Protection Communication 117 VAC Line 220 VAC Line, All AC Loads Modem Antenna Connected Equipment NTE Type 15043-ECG 15044-ECG Capacitive Discharge 15049AC 15050AC 15046-ECG 15041-ECG, 15043-ECG, 15044-ECG 15044-ECG, 15047-ECG 15041-ECG, 15044-ECG Process Control (24 MA Signal Loop) .245 (6.22) Application Protected Equipment NTE Type 15040-ECG, 15045-ECG 15044-ECG, 15046-ECG 15040-ECG 15046-ECG 15049AC 15050AC 15040-ECG, 15041-ECG Test Equipment Meter Inputs Ignition Circuit Components, Pulse Generator Components Alarm Circuits Signal Lines (Single Ended) Communications Telephone Line (Lightning) (Normal Mode) Power Line (Lightning) AC Wall Output (Long Branch Circuit) 120 VAC Breaker Box (Short Branch Circuit) 240 VAC Instrumentation Circuits Power Supplies Computer Voltage Doubler, Capacitors, Voltage Regulator, Rectifier Diodes Data Lines Diagram 628 1.490 (37.7) .032 (0.813) Dia .319 (8.1) Dia |
Price & Availability of NTE15049AC |